Part Number Hot Search : 
XC4000 SI4431 2SB817P MAX4364E RN4981FE AD677AD IR15XB06 3520E
Product Description
Full Text Search
 

To Download 10GBS-DFB-LASER-MODULE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10Gb/s DFB Laser Module (Preliminary)
Description
The direct-modulated laser(DML) module is a cost-effective solution for 10 Gbits/s digital transmission using conventional intracity SMF28 single-mode fiber links. The package contains a high-speed DFB laser chip, thermoelectric cooler, thermistor, optical isolator, and a rear-facet monitor photodiode, which allows external optical control.
Characteristics
Parameter
Threshold Current Operating Current Operating Voltage Input Impedance Monitor Operating Current Thermistor Resistance Thermistor
(Tc=25 )
Test Condition CW CW CW P F=2mW @+25 @+25 1290 2 Min 10 9 Typ 10 1.3 50 10 4.8 Max 25 50 1.8 200 11 1330 nm mW dB dB GHz ps dB dB/Hz A/mW K Unit mA mA V
Features
Direct modulated 1310nm laser module Input impedance is 50 Emission wavelength is in 1.31 m b and Application to 10Gb/s
Symbol I th I op V op Z in Im RT c PF
Built-in optical isolator Built-in thermoelectric cooler GPO RF connector With photodiode for optical output monitor
Temp. Coeff. Center Wavelength Optical Output Power From Fiber End Side Mode Suppression Ratio Optical Isolation Cut off Frequency ( 3dB) Rise And Fall Time (10%~90%) Tracking Error Relative Intensity Noise
CW, I F=I op CW, I F=I op CW, I F=I op P F=2mW -
SMSR fc t r,t f Er Nr
30 30 10 -
-
50 0.5 145
T c=
20~ 65 , APC,ATC
CW,PF=2mW, 0.5~3GHz
155
Absolute Maximum Ratings
Parameter Storage Temperature Operating Temperature TE Cooler Current Symbol Tstg Top Ic Test Condition @+65 Ratings 40 ~ 70 20 ~ 65 1.5 Unit
o
Applications
High speed transmission systems(~10Gb/s)
C
o
C
A
Let
work for you


▲Up To Search▲   

 
Price & Availability of 10GBS-DFB-LASER-MODULE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X